PART |
Description |
Maker |
153CNQSERIES 153CNQ100 153CNQ080 |
SCHOTTKY RECTIFIER 肖特基整流器 SCHOTTKY RECTIFIER 150 Amp 100V 150A Schottky Common Cathode Diode in a D-60 package
|
International Rectifier, Corp. IRF[International Rectifier]
|
CMSH3-20MA CMSH3-100MA CMSH3-40MA CMSH3-60MA |
SURFACE MOUNT SCHOTTKY BARRIER SILICON RECTIFIER 3.0 AMP, 20 THRU 100 VOLTS SMD Schottky Rectifier Single
|
Central Semiconductor Corp.
|
MBR120VLSFT1 MBR120VLSFT3 |
1A 20V Schottky Rectifier Surface Mount Schottky Power Rectifier From old datasheet system
|
ON Semiconductor
|
MBRF20200CTG MBRF20200CT MBRF20200-CT |
SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 200 VOLTS SWITCHMODE Schottky Power Rectifier
|
ON Semiconductor
|
CP108 |
From old datasheet system Schottky Rectifier, Schottky Barrier Rectifier Chip - 2.0 Amp
|
CENTRAL[Central Semiconductor Corp]
|
MBRF20200CT-D |
SWITCHMODE Schottky Power Rectifier 20A 200V Schottky Rectifier
|
ON Semiconductor
|
SMBSR106 SMB5817 SMB5819 SMB5818 SMBSR108 |
(SMBSR105 - SMBSR1010) 1A Schottky Rectifier (SMB5817 - SMB5819) 1A Schottky Rectifier
|
Microsemi
|
WP05R WP05R24D05 WP05R24D12 WP05R24D15 WP05R24S03 |
5 Watt Regulated Small Package DC/DC Converter 5 WATT UNREGULATED SMALL PACKAGE DC/DC CONVERTER RECTIFIER SCHOTTKY SINGLE 1A 20V 22A-Ifsm 0.36Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 33A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 20V 40A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 75A-Ifsm 0.45Vf 0.2A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 40V 50A-Ifsm 0.55Vf 0.5A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 60V 50A-Ifsm 0.5Vf 0.1A-IR PowerDI-123 3K/REEL
|
CANDD[C&D Technologies]
|
40L15CT-1 40L15CTS 40L15CT 40L15CTSTRL 40L15CTSTRR |
SCHOTTKY RECTIFIER 15V 40A Schottky Common Cathode Diode in a D2-Pak package 15V 40A Schottky Common Cathode Diode in a TO-262 package SCHOTTKY RECTIFIER 2 x 20 Amps SCHOTTKY RECTIFIER 肖特基整流器
|
IRF[International Rectifier] International Rectifier, Corp.
|
20CLQ045 20CLQ045PBF |
20 A, 45 V, SILICON, RECTIFIER DIODE SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 20A 45V Hi-Rel Schottky Common Cathode Diode in a SMD-1 package
|
IRF[International Rectifier]
|
SRF8A0 SRF820 SRF830 SRF840 SRF850 SRF860 SRF880 |
SCHOTTKY BARRIER RECTIFIER 肖特基整 SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts, Forward Current - 8.0Amperes
|
涓?捣???绉???????? Shanghai LUNSURE Electronic Technology Co., Ltd. CHENYI[Shanghai Lunsure Electronic Tech] Chenyi Electronics
|
MBR4030PT1 MBR4060PT MBR4030PT MBR4035PT MBR4040PT |
RECTIFIER SCHOTTKY DUAL 40A 50V 400A-ifsm 0.8V-vf 1mA-ir TO-3P 30/TUBE 40A SCHOTTKY BARRIER RECTIFIER
|
DIODES[Diodes Incorporated]
|